Part Number Hot Search : 
100LVEL KT841W11 L0025 AD8058AR SMO1137V TC0239A 01111 0070GAG
Product Description
Full Text Search
 

To Download BL-PPY-MSS-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary NOVALED 400 AlInGaN BL-PPx-MSS-C10
Nova LED 400 - AlInGaP
* * * * * *
Super high brightness surface mount LED. High flux output. Compact package outline (LxW) of 6.0 x 6.0 mm. Ultra low height profile - 1.5 mm. Designed for high current drive. Low thermal resistance; Rth (js) = 20 K/W. Compatible to IR reflow soldering.
Page 1 of 7
Preliminary
AMERICAN BRIGHT OPTOELECTRONICS CORP.
NOVALED 400 AlInGaN BL-PPx-MSS-C10
Absolute Maximum Ratings
Maximum Value DC forward current. Peak pulse current. (tp < 10 sec, D = 0.1) Reverse voltage. ESD Threshold (HBM) LED junction temperature. Operating temperature. Storage temperature. Power dissipation 400 500 12 2 125 -40 ... +100 -40 ... +100 1200 Unit mA mA V kV C C C mW
Optical Characteristics at Ta=25C, If=400mA.
Total Flux @ If=400mA Part Number BL-PPR-MSS-C10 * * BIN AA BIN AB Yellow 589 32 35 9500 Color Red dom (nm) Min (lm) 625 30 Typ. (lm) 32 IV @ If=400mA Typ.( mcd) 8500 Viewing Angle 120
BL-PPY-MSS-C10 * * BIN AB BIN AC
Intensity @ If=400mA (mcd) IV Bins AA AB AC Min 7150 9000 11250 Max 9000 11250 14000
1. Luminous intensity is measured with an accuracy of 11%. 2. Wavelength binning is carried for all units as per the wavelength binning table. Only one wavelength group is allowed for each reel.
Page 2 of 7
Preliminary
AMERICAN BRIGHT OPTOELECTRONICS CORP.
NOVALED 400 AlInGaN BL-PPx-MSS-C10
Wavelength Grouping. Color
BL-PPR; Red BL-PPY; Yellow
Group
Full Full W X Y Z
Wavelength distribution (nm)
620 - 630 585 - 597 585 - 588 588 - 591 591 - 594 594 - 597
Wavelength is measured with an accuracy of 1 nm.
Electrical Characteristics at Ta=25C.
Vf @ If=400mA Part Number BL-PPR-MSS-C10 BL-PPY-MSS-C10 Color Red Yellow Typ. (V) 2.5 2.5 Max. (V) 2.8 2.8
Vr @ Ir=100uA Min.(V) 12 12
1. An optional Vf binning is also available upon request. Please request for special part number. Binning scheme is as per following table.
Vf Binning. Vf Bin @ 400mA Standard 02 03 Forward voltage (V) 2.2 ... 2.8 2.2 ... 2.5 2.5 ... 2.8
Forward voltage, Vf is measured with a current pulse of 1 ms and an accuracy of 0.1 V. Vf binning is provided as an option. Please request for special part numbers.
Page 3 of 7
Preliminary
AMERICAN BRIGHT OPTOELECTRONICS CORP.
NOVALED 400 AlInGaN BL-PPx-MSS-C10
Forward Current vs Forward Voltage
Intensity vs. Forward Current
Relative Intensity Normalized @ If = 400 mA
2.00 1.80 1.60
3.3 3.1 2.9 2.7
Vf vs If
Relative Intensity
Vf (V)
1.40 1.20 1.00 0.80 0.60 0.40 0.20 0.00 0 200 400 600 800 1000 If (mA)
2.5 2.3 2.1 1.9 1.7 1.5 0 200 400 600 800 1000
If (mA)
Max Forward Current vs. Ambient Temperature.
Radiation Pattern
30 20 10 0
1.0
Forw ard Current vs. Temperature 450 400 350 300 250 200 150 100 50 0 100 10 20 30 40 50 60 70 80 90 0
40
0.8
50
0.6
60 70 80 90
0.4
0.2
Max IF (mA)
0
Solder Point Temp.,Ts
Color Spectrum.
Relative Spectra Emission
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 500
Yel l ow
Relative Intensity
Red
600
700
800
Wavelength (nm)
Page 4 of 7
Preliminary
AMERICAN BRIGHT OPTOELECTRONICS CORP.
NOVALED 400 AlInGaN BL-PPx-MSS-C10
Solder Pad Design.
Note : Unit to unit pitching must not be less than 25 mm. Metal core circuit board (MCPCB) is highly recommended for high density applications. Please consult sales and marketing for additional information.
Page 5 of 7
Preliminary
AMERICAN BRIGHT OPTOELECTRONICS CORP.
NOVALED 400 AlInGaN BL-PPx-MSS-C10
Taping And Orientation.
Reels come in quantity of 2000 units. Reel diameters are 330 mm.
Page 6 of 7
Preliminary
AMERICAN BRIGHT OPTOELECTRONICS CORP.
NOVALED 400 AlInGaN BL-PPx-MSS-C10
Recommended IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020B)
275
250
235-240oC 10-30s Ramp-up 3 oC/sec max. 183 oC
225
200
Temperature ( C)
175
60-150s
o
150
125 Ramp-dow n 6 oC/sec max. Preheat 60-120s
100
75
50 360s max 25 0 50 100 150 200
Time (sec)
Page 7 of 7


▲Up To Search▲   

 
Price & Availability of BL-PPY-MSS-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X